Part Number Hot Search : 
19010352 155320A 3020401 05012 MC34063 FODM3023 BRF1060 08A10
Product Description
Full Text Search
 

To Download MB4005W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * Mounting Hole For #8 Screw Plastic Case With Metal Bottom Any Mounting Position Surge Rating Of 400 Amps
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MB4005W THRU MB4010W
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB-50W
B
Maximum Ratings
* * Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Catalog Number Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000v Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000v
C
MB4005W MB401W MB402W MB404W MB406W MB408W MB4010W
MB4005W MB401W MB402W MB404W MB406W MB408W MB4010W
35V 70V 140V 280V 420V 560V 700V
E D
G AC D + A H A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 40.0A 400A TJ = 55C 8.3ms, half sine
A
VF
1.2V
IFM = 20A per element; TJ = 25C*
DIM A B C D E G H
DIMENSIONS INCHES MIN ------.692 .040 .188 .429 MM MIN ------17.6 1.00 4.77 10.9
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 0.5mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
MAX 1.140 .452 .750 .732 ----.468
MAX 29.00 11.50 19.10 18.6 ----11.9
NOTE
4PL/TYP
www.mccsemi.com
MB4005W thru MB4010W
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
Figure 2 Typical Reverse Characteristics
MCC
TJ=25C
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 60
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 600
50
500 400 300 Amps 200 100
40
30 Amps 20
10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MB4005W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X